Part Number Hot Search : 
85T03GJ 05S12 SST25W SL614 KIA78R MAX1962 GR3A2AZA ASSERIES
Product Description
Full Text Search
 

To Download PSC60M-240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WWW.PHIHONG.COM
60 Watt Universal 3-Wire Input Adapter PSC60M Power Supply meets CEC Compliance
Features * Low Cost * CEC compliant* * Class B EMI Applications * Portable Equipment * Peripherals Safety Approvals * * cUL/UL60950-1 CE * * * * * * * * * Non-vented/Spill-proof Case No Load Power Consumption < 0.60W Low Profile Design Networking Gaming Machines TUV EN60950-1 Meeting Cal. Prop. 65
Mechanical Characteristics * Length: 130mm (5.12in) * Width: 60mm (2.36in) Output Specifications Model PSC60M-120* PSC60M-240* DC Output Voltage +12V +24V Load Min. 0A 0A
Height: 32mm (1.30in) Weight: 300g (10.58oz.)
Max. 5A 2.5A
Ripple (1) P-P (max.) 120mV 240mV
Regulation L-L 5% 5%
(1) Measured with using 12-inch twisted pair terminated with a 10uF capacitor and 0.1uF ceramic in parallel. *PSC60M-120 is CEC Level III115VAC Compliant and PSC60M-240 is CEC Level IV115VAC Compliant Phihong reserves the right to make changes without further notice. Please consult Phihong USA and visit www.phihong.com for the most up-to-date specifications.
PSC60M Characteristics INPUT:
AC Input Voltage Rating
100 to 240VAC
WWW.PHIHONG.COM
Over-current Protection
Output equipped with short circuit protection - auto restart
AC Input Voltage Range
90 to 264VAC
Short Circuit Protection
Output can be shorted without damage
AC Input Frequency
47/63Hz
ENVIRONMENTAL:
Temperature
Operation Non-operation 0 to +40C -5 to +80C
Input Current
1.6A (rms) Max. @ 115VAC 0.7A (rms) Max. @ 230VAC
Humidity Leakage Current
250uA Max. @ 254VAC 60hz. Operation 10 to 90%
Emissions Inrush Current (cold)
90A for 110VAC at Max. load 150A for 240VAC at Max. load (Cold start @ ambient 25C) FCC Class B EN55022 Class B
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 1500VAC for 1 minute, 10mA
Input Power Saving
< 0.60W for 240VAC at no load
DC Output Connector
2.1x5.5mm Center Positive Standard
OUTPUT:
Efficiency
84% minimum average efficiency
Hold-up Time
10mS Min. @ 120VAC and Max. load
Over-voltage Protection
Output shuts down and recovers after reset AC power
Dimension Diagram Unit: mm


▲Up To Search▲   

 
Price & Availability of PSC60M-240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X